|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CPA-0501-510H Features * * * * * * Frequency Range 5 - 500 MHz Nominal Coupling 10 dB Low Cost and RoHS Compliant Industry Standard SMT package Available in Tape-and -Reel 50 Ohms Characteristic Impedance The CPA-0501-510H coupler is designed for applications that require small, low cost, and highly reliable surface mount components. Applications may be found in broadband, wireless and other communications systems. These units are built Lead-Free and RoHS compliant. S-Parameters are available on request. SURFACE MOUNT COUPLER Description Specifications Parameter Frequency Range (MHz) Coupling (dB) Mainline Loss (dB) Directivity (dB) Return Loss (dB) 20 Minimum 5 9.5 10 0.8 30 23 17.7 Typ Maximum 500 10.5 1.1 Absolute Maximum Ratings Parameter RF Power Operating Temperature Storage Temperature Re-flow Temperature Maximum +33 dBm -55 to +100 C -55 to +100 C + 240 C Note: Typical values represent Mid-band performance @ 25C. Schematic Package - S06 Input Coupled Output Ground Pin Functions Function Pin 1 3 6 2,5 4 Termination Typical Test Data - Insertion Loss, Coupling, Directivity Typical Test Data - Return Loss Insertion Loss,Directivity and Coupling 5 0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 -55 -60 Return Loss 0 -10 S21 S41 S31 S11 dB dB -20 -30 -40 S22 S33 5 55 104 154 203 253 302 352 401 451 500 5 55 104 154 203 253 302 352 401 451 500 Frequency (MHz) Specifications and information on this data sheet are subject to change without notice. 1860 Hartog Drive, San Jose, California 95131 USA Leffelholzstr. 20, D-90441, Nurnberg, Germany 2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100 Tel: 001-408-436-7720 Tel: +49(0)911/9411 233 Tel: (86)21-5416-8648 Frequency (MHz) Fax: 001-408-436-7689 Fax: +49(0)911/9411 198 Fax: (86)21-5416-8753 Email: Sales@premierdevices.com Email: Sales.germany@premierdevices.com Email: Sales.china@premierdevices.com |
Price & Availability of CPA-0501-510H |